Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 17Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 18Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
15
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
DLL and DLH must be written to in order to program the baud rate. DLL and DLH are the least significant and most significant byte
of the baud rate divisor. If DLL and DLH are both zero, the UART is effectively disabled, as no baud clock will be generated.
Remark: The programmable baud rate generator is provided to select both the transmit and receive clock rates.
Table 5 to 8 show the baud rate and divisor correlation for crystal with frequency 1.8432 MHz, 3.072 MHz, 14.74926 MHz, and
24MHz respectively.
Figure 8 shows the crystal clock circuit reference.
PRESCALER
LOGIC
(DIVIDE-BV-1)
PRESCALER
LOGIC
(DIVIDE-BY-4)
input clock
INTERNAL
OSCILLATOR
LOGIC
BAUD RATE
GENERATOR
LOGIC
reference
clock
MCR[7] = 1
MCR[7] = 0
XTAL1
XTAL2
internal
baud rate
clock for
transmitter
and receiver
Figure 7. Prescaler and baud rate generator block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com