Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 22 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 18Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 19Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 20Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 21Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 22Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 23Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 24Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
22
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
An I2C sub-address is sent by the I2C master following the slave address. The sub-address contains the UART register address being
accessed. A read or write transaction is determined by bit-0 of the slave address (HIGH = Read, LOW = Write). Table 10 below lists
the functions of the bits in the I2C sub-address.
Table 10: I2C Sub-Address (Register Address)
Bit
Function
7
Reserved
6:3
UART Internal Register Address A3:A0
2:1
UART Channel Select
’00’ = UART Channel A
Other values are reserved
0
Reserved
After the last read or write transaction, the I2C-bus master will set the SCL signal back to its idle state (HIGH).
10.1 I2C-bus Addressing
There could be many devices on the I2C-bus. To distinguish itself from the other devices on the I2C-bus, there are eight possible slave
addresses that can be selected for the UART using the A1 and A0 address lines. Table 9 below shows the different addresses that can
be selected. Note that there are two different ways to select each I2C address.
Table 9: I2C Address Map
A1
A0
I2C ADDRESS
VDD
VDD
0x90 (1001 000X)
VDD
VSS
0x92 (1001 001X)
VDD
SCL
0x94 (1001 010X)
VDD
SDA
0x96 (1001 011X)
VSS
VDD
0x98 (1001 100X)
VSS
VSS
0x9A (1001 101X)
VSS
SCL
0x9C (1001 110X)
VSS
SDA
0x9E (1001 111X)
SCL
VDD
0xA0 (1010 000X)
SCL
VSS
0xA2 (1010 001X)
SCL
SCL
0xA4 (1010 010X)
SCL
SDA
0xA6 (1010 011X)
SDA
VDD
0xA8 (1010 100X)
SDA
VSS
0xAA (1010 101X)
SDA
SCL
0xAC (1010 110X)
SDA
SDA
0xAE (1010 111X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com