Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 23Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 24Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 26Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 27Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 28Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
27
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Offset 01H: Divisor Latch MSB(DLH). Accessible when LCR[7]=1 and LCR!=0xBF. Default=00
Bit
Type
Description
[7:0]
RW
MSB bits of divisor for baud rate generator.
Note: It is reset only when Power-On-Reset.
Offset 02H: Interrupt Identification Register (IIR). Accessible when LCR[7]=0. Default=01
Bit
Type
Description
[7:6]
RO
Mirror the content of FCR[0]
[5:1]
RO
5-bit encoded interrupt.
0
RO
Interrupt status. "1": No interrupt is pending.
"0": An interrupt is pending.
Priority Level
IIR[5]
IIR[4]
IIR[3]
IIR[2]
IIR[1]
IIR[0]
Source of Interrupt
1
0
0
0
1
1
0
Receive Line Status Error
2
0
0
1
1
0
0
Receiver timeout
2
0
0
0
1
0
0
RHR interrupt
3
0
0
0
0
1
0
THR interrupt
4
0
0
0
0
0
0
Modem interrupt
5
1
1
0
0
0
0
Input pin change of state
6
0
1
0
0
0
0
Rx Xoff signal/special character
7
1
0
0
0
0
0
CTS,RTS change from active to inactive
Note: IIR[4] is cleared by Xon detection if the interrupt is caused by Xoff detection, or cleared by a read of the IIR if it is caused by special char detection.
Offset 02H: FIFO Control Register (FCR). Accessible when LCR[7]=0. Default=00
Bit
Type
Description
[7:6]
WO
RX trigger. Sets the trigger level for the RX FIFO
00 = 8 characters
01 = 16 characters
10 = 56 characters
11 = 60 characters
[5:4]
WO
TX trigger. Sets the trigger level for the TX FIFO
00 = 8 spaces
01 = 16 spaces
10 = 32 spaces
11 = 56 spaces
3
RO
Reserved
2
WOS
Reset TX FIFO.
0 = No FIFO transmit reset
1 = Clears the contents of Tx FIFO and resets the FIFO level logic.
TSR is not cleared. This bit will return to logic 0 after clearing the FIFO
1
WOS
Reset RX FIFO.
0 = No FIFO receive reset
1 = Clears the contents of Rx FIFO and resets the FIFO level logic.
RSR is not cleared. This bit will return to logic 0 after clearing the FIFO
Configuration Registers cont..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com