Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 137Page - STMicroelectronics ST25R3916B Datasheet HTML 138Page - STMicroelectronics ST25R3916B Datasheet HTML 139Page - STMicroelectronics ST25R3916B Datasheet HTML 140Page - STMicroelectronics ST25R3916B Datasheet HTML 141Page - STMicroelectronics ST25R3916B Datasheet HTML 142Page - STMicroelectronics ST25R3916B Datasheet HTML 143Page - STMicroelectronics ST25R3916B Datasheet HTML 144Page - STMicroelectronics ST25R3916B Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 165 page
background image
DS13541 Rev 7
141/165
ST25R3916B ST25R3917B
Application information
164
4.5.82
Measurement TX delay
Register space: A
Address: 3Bh
Type: RW
Table 119. Measurement TX delay
Bit
Name
Default
Function
Comments
7
m_phase_ana
0
Connects analog phase
measurement signal to TAD2
(set tana<3:0>to 07h)
When m_amp_ana = 1 or m_phase_ana = 1,
field gets enabled; not to be used during NFC
communication:
00: disabled
01: Amplitude measurement signal to TAD2
10: Phase measurement signal to TAD2
11: Amplitude measurement signal to TAD1,
The phase measurement signal to TAD2, to be
used in Ready mode only.
6
m_amp_ana
0
Connects analog amplitude
measurement signal to
TAD1/TAD2 (set tana<3:0>to 07h)
5RFU
0
-
-
4RFU
0
-
-
3
meas_tx_del3
0
0: Disabled
>0: Delay enable according to
Table 120
meas_tx_del<0:3> bits set the time to prolong
the time before TX field is enabled and the
measure amplitude and/or phase
measurement is performed.
2
meas_tx_del2
0
1
meas_tx_del1
0
0
meas_tx_del0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com