Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 138Page - STMicroelectronics ST25R3916B Datasheet HTML 139Page - STMicroelectronics ST25R3916B Datasheet HTML 140Page - STMicroelectronics ST25R3916B Datasheet HTML 141Page - STMicroelectronics ST25R3916B Datasheet HTML 142Page - STMicroelectronics ST25R3916B Datasheet HTML 143Page - STMicroelectronics ST25R3916B Datasheet HTML 144Page - STMicroelectronics ST25R3916B Datasheet HTML 145Page - STMicroelectronics ST25R3916B Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 165 page
background image
Application information
ST25R3916B ST25R3917B
142/165
DS13541 Rev 7
Table 120. Wake-up time and wake-up pulse prolongation(1)
wur wut
Wake-up
time
meas_tx_del
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Unit
0
0
10 ms
0
0.7 1.3 1.9 2.5 3.1 3.7 4.3 4.9 5.5 6.1 7.3 8.5 9.7 10.9 12.2
ms
0
1
20 ms
0
0.4 1.0 1.6 2.3 2.9 3.5 4.1 4.7 5.3 5.9 7.1 8.3 9.5 10.7 11.9
02
30 ms
0
NA
(2)
0.8 1.4 2.0 2.6 3.2 3.8 4.4 5.0 5.6 6.8 8.1 9.3 10.5 11.7
0
3
40 ms
0
NA 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 5.4 6.6 7.8 9.0 10.2 11.4
0
4
50 ms
0
NA NA 0.9 1.5 2.1 2.8 3.4 4.0 4.6 5.2 6.4 7.6 8.8 10.0 11.2
0
5
60 ms
0
NA NA 0.7 1.3 1.9 2.5 3.1 3.7 4.3 4.9 6.1 7.3 8.6
9.8
11.0
0
6
70 ms
0
NA NA NA 1.1 1.7 2.3 2.9 3.5 4.1 5.0 5.9 7.1 8.3
9.5
10.7
0
7
80 ms
0
NA NA NA 0.8 1.4 3.9 2.6 3.3 3.9 4.5 5.7 6.9 8.1
9.3
10.5
1
0
100 ms
0
0.9 1.5 2.1 2.7 3.3 3.9 4.5 5.1 5.7 6.3 7.5 8.7 9.9 11.2 12.4
1
1
200 ms
0
0.9 1.5 2.1 2.7 3.3 3.9 4.5 5.1 5.7 6.3 7.5 8.7 9.9 11.1 12.3
1
2
300 ms
0
0.8 1.4 2.0 2.7 3.3 3.9 4.5 5.1 5.7 6.3 7.5 8.7 9.9 11.1 12.3
1
3
400 ms
0
0.8 1.4 2.0 2.6 3.2 3.8 4.4 5.0 5.6 6.3 7.5 8.7 9.9 11.1 12.3
1
4
500 ms
0
0.8 1.4 2.0 2.6 3.2 3.8 4.4 5.0 5.6 6.2 7.4 8.6 9.9 11.1 12.3
1
5
600 ms
0
0.8 1.4 2.0 2.6 3.2 3.8 4.4 5.0 5.6 6.2 7.4 8.6 9.8 11.0 12.2
1
6
700 ms
0
0.8 1.4 2.0 2.6 3.2 3.8 4.4 5.0 5.6 6.2 7.4 8.6 9.8 11.0 12.2
1
7
800 ms
0
0.7 1.3 1.9 2.5 3.1 3.7 4.3 5.0 5.6 6.2 7.4 8.6 9.8 11.0 12.2
1. An additional +/- 20% tolerance must be considered for the meas_tx_del values.
2. Not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com