Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 141Page - STMicroelectronics ST25R3916B Datasheet HTML 142Page - STMicroelectronics ST25R3916B Datasheet HTML 143Page - STMicroelectronics ST25R3916B Datasheet HTML 144Page - STMicroelectronics ST25R3916B Datasheet HTML 145Page - STMicroelectronics ST25R3916B Datasheet HTML 146Page - STMicroelectronics ST25R3916B Datasheet HTML 147Page - STMicroelectronics ST25R3916B Datasheet HTML 148Page - STMicroelectronics ST25R3916B Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 165 page
background image
DS13541 Rev 7
145/165
ST25R3916B ST25R3917B
Electrical characteristics
164
5.2
Operating conditions
All defined tolerances for external components in this specification need to be ensured over
the whole operation conditions range and also over lifetime.
Table 123. Operating conditions
Symbol
Parameter
Min
Max
Unit
VDD, VDD_TX(1) (2)
1. Referenced to VSS.
2. If power supply is lower than 2.6 V, PSSR cannot be improved using internal regulators (minimum
regulated voltage is 2.4 V).
Positive supply voltage (pins 8 and 10),
Tamb = -40 to 105 °C, rege <3:0> ≥ 07h
2.6
5.5
V
Positive supply voltage (pins 8 and 10),
Tamb = -20 to 105 °C
2.4
5.5
Positive supply voltage when option bit sup3V is set(3),
Tamb = -40 to 105 °C, rege <3:0> ≥ 07h
3. Bit sup3V set to 1 in IO configuration register 2.
2.6
3.6
Positive supply voltage when option bit sup3V is set(3),
Tamb = -20 to 105 °C
2.4
3.6
∆VDD-VDD_TX(1)
Difference between VDD and VDD_TX
-0.2
0.2
V
VDD_IO(1)
Peripheral communication supply voltage (pin 1)
1.65
5.5
VGND(1)
Negative supply voltage (pins 6, 12, 16 and 26)
0
0
VpIO(1)
Voltage for peripheral IO communication pins
(27 to 32)
05.5
Vp5V(1)
Voltage for other pins (9, 11, 13, 14, 15, 17, and 20)
in the 5 V domain
05.5
Vp3V(1)
Voltage for other pins (2 to 5, 7, 18, 19 and 22 to 25) in
the 3 V domain
03.6
T(amb, VFQFPN32)(4)
4. The device must be mounted on a PCB with sufficient heat dissipation.
Ambient temperature range for VFQFPN32 package
-40
105
°C
T(amb, UFQFPN32)(4) Ambient temperature range for UFQFPN32 package
-40
105
°C
T(amb, WLCSP36)(4) Ambient temperature range for WLCSP36 package
-40
85
°C
VRFI_A
RFI input amplitude(5)
5. The minimum RFI input signal definition is meant for NFC active P2P reception and NFC passive target
reception. In HF reader mode and NFC transmit mode recommended signal level is 2.5 VPP.
0.15
3
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com