Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 145Page - STMicroelectronics ST25R3916B Datasheet HTML 146Page - STMicroelectronics ST25R3916B Datasheet HTML 147Page - STMicroelectronics ST25R3916B Datasheet HTML 148Page - STMicroelectronics ST25R3916B Datasheet HTML 149Page - STMicroelectronics ST25R3916B Datasheet HTML 150Page - STMicroelectronics ST25R3916B Datasheet HTML 151Page - STMicroelectronics ST25R3916B Datasheet HTML 152Page - STMicroelectronics ST25R3916B Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 165 page
background image
DS13541 Rev 7
149/165
ST25R3916B ST25R3917B
Electrical characteristics
164
Table 127. ST25R3916B and ST25R3917B electrical characteristics (VDD = 2.4 V)(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IPD
Supply current in
Power-down mode
TJun = -40 to 25 °C (3)
-0.5
2.2
µA
TJun = 85 °C (3)
-1.5
15
TJun = 125 °C (3)
7.0
50
INFCT
Supply current in
initial NFC target mode
TJun = -40 to 25 °C (4)
-1.5
5
TJun = 85 °C (4)
-2
15
TJun = 125 °C (4)
850
IWU
Supply current in Wake-up mode
(logic and RC oscillator)
TJun = -40 to 25 °C (5)
-1.8
5
TJun = 85 °C (5)
-2.7
15
TJun = 125 °C (5)
950
IRD
Supply current in Ready mode
(6)
-3.4
7.5
mA
IAL
Supply current all active
(7)
-14
23
mA
IAWS
Supply current all active, AWS
(8)
-15
26
mA
RRFO
RFO1 and RFO2 driver
output resistance
VRFO = 150 mV(9)
-1.7
4
Ω
RRFI
RFI input resistance
(9)(10)
-12
16
kΩ
VPOR
Power on reset voltage
-
1.00
1.45
2.00
V
VAGDC
AGDC voltage
(7)
1.40
1.50
1.60
VREG
Regulated voltage
(7)
2.20
2.40
2.45
RTAD
Testpin output resistance
(9)
-0.5
1.5
kΩ
1. Min and Max values tested in production at 25 °C, other values evaluated by characterization.
2. 3.3 V supply mode with VDD = 2.4 V unless noted otherwise. Regulated voltages set to 2.4 V, 27.12 MHz crystal connected
to XTO and XTI.
3. Registers 00h to 07h (no clock on MCU_CLK), 01h to 80h (3 V supply mode), other registers in default state.
4. Registers 00h to 07h (no clock on MCU_CLK), 01h to 80h (3 V supply mode), 02h to 03h (external field detector enable),
03h to E8h (enable NFC Target mode), other registers in default state.
5. Registers 00h to 07h (no clock on MCU_CLK), 01h to 80h (3 V supply mode), 02h to 04h (enable Wake-up mode), 32h to
08h (100 ms timeout, IRQ at every timeout), other registers in default state.
6. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to 80h (en = 1), 2Ch to
A8h (2.4 V regulator), other registers in default state, short VDD_A and VDD_D.
7. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to C8h (enable RX,
enable TX), 28h to 7Fh (RFO segments disabled), 2Ch to A8h (2.4 V regulator), other registers in default state, short
VDD_A and VDD_D.
8. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to C8h (enable RX,
enable TX), 03h to 14h (AM modulation), 28h to 7Fh (RFO segments disabled), 2Ch to A8h (2.4 V regulator), other
registers in default state, short VDD_A and VDD_D.
9. Evaluated by characterization - not tested in production.
10. fSUB = 848 kHz, AM channel with peak detector input stage selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com