Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 149Page - STMicroelectronics ST25R3916B Datasheet HTML 150Page - STMicroelectronics ST25R3916B Datasheet HTML 151Page - STMicroelectronics ST25R3916B Datasheet HTML 152Page - STMicroelectronics ST25R3916B Datasheet HTML 153Page - STMicroelectronics ST25R3916B Datasheet HTML 154Page - STMicroelectronics ST25R3916B Datasheet HTML 155Page - STMicroelectronics ST25R3916B Datasheet HTML 156Page - STMicroelectronics ST25R3916B Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 165 page
background image
DS13541 Rev 7
153/165
ST25R3916B ST25R3917B
Electrical characteristics
164
Table 134. 100 kHz AC characteristics(1)
Symbol
Alt.
Parameter
Min
Max
Unit
fC
fSCL
Clock frequency
-
100
kHz
tCHCL
tHIGH
Clock pulse width high
4000
-
ns
tCLCH
tLOW
Clock pulse width low
4700
-
tQL1QL2
tF
SDA (out) fall time
-
300
tDXCH
tSU:DAT
Data in set up time
250
-
tCLDXXtHD:DAT
Data in hold time
5000
-
tCLQX
tDH
Data out hold time
50
-
tCLQV
tAA
Clock low to next data valid (access time)
-
3450
tCHDL
tSU:STA
Start condition setup time
4700
-
tDLCL
tHD:STA
Start condition hold time
4000
-
tCHDH
tSU:STO
Stop condition set up time
4000
-
tDHDL
tBUF
Time between Stop condition and next
Start condition
4700
-
tNS(2)
-
Pulse width ignored (input filter on SCL
and SDA), single glitch
-40
1. Conditions in addition to those specified in Table 130 and Table 131.
2. Evaluated by characterization - not tested in production.
Table 135. 400 kHz AC characteristics(1) (2)
Symbol
Alt.
Parameter
Min
Max
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
tQL1QL2
tF
SDA (out) fall time
-
300
tDXCH
tSU:DAT
Data in set up time
100
-
tCLDXXtHD:DAT
Data in hold time
0
-
tCLQX
tDH
Data out hold time
50
-
tCLQV
tAA
Clock low to next data valid (access time)
-
900
tCHDL
tSU:STA
Start condition setup time
600
-
tDLCL
tHD:STA
Start condition hold time
600
-
tCHDH
tSU:STO
Stop condition set up time
600
-
tDHDL
tBUF
Time between Stop condition and next
Start condition
1300
-
tNS
-
Pulse width ignored (input filter on SCL
and SDA), single glitch
-40
1. Conditions in addition to those specified in Table 130 and Table 131.
2. Evaluated by characterization - not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com