Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 153Page - STMicroelectronics ST25R3916B Datasheet HTML 154Page - STMicroelectronics ST25R3916B Datasheet HTML 155Page - STMicroelectronics ST25R3916B Datasheet HTML 156Page - STMicroelectronics ST25R3916B Datasheet HTML 157Page - STMicroelectronics ST25R3916B Datasheet HTML 158Page - STMicroelectronics ST25R3916B Datasheet HTML 159Page - STMicroelectronics ST25R3916B Datasheet HTML 160Page - STMicroelectronics ST25R3916B Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 165 page
background image
DS13541 Rev 7
157/165
ST25R3916B ST25R3917B
Package information
164
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at www.st.com.
ECOPACK is an ST trademark.
6.1
VFQFPN32 package information
VFQFPN32 is a 32-pin, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead
package.
Figure 38. VFQFPN32 - Outline
1. Drawing is not to scale.
2. Coplanarity applies to the exposed pad as well as the terminal.
Table 138. VFQFPN32 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0
-
0.050
0
-
0.0020
A3
0.200
0.0079
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ccc C
B04R_ME_V1
E2
D2
Pin #1 ID
Chamfer 0.35
32
1
8
L
b
e
24
16
S1
bbb M C A B
32x
E
Pin #1 ID
B
D
C
A
32x
eee C
Detail A
A
A1
BOTTOM VIEW
TOP VIEW
L
A3
0.05 Ref.
SLP1 PLATED AREA
Terminal length
Terminal thickness
Detail A
SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com