Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 157Page - STMicroelectronics ST25R3916B Datasheet HTML 158Page - STMicroelectronics ST25R3916B Datasheet HTML 159Page - STMicroelectronics ST25R3916B Datasheet HTML 160Page - STMicroelectronics ST25R3916B Datasheet HTML 161Page - STMicroelectronics ST25R3916B Datasheet HTML 162Page - STMicroelectronics ST25R3916B Datasheet HTML 163Page - STMicroelectronics ST25R3916B Datasheet HTML 164Page - STMicroelectronics ST25R3916B Datasheet HTML 165Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 161 / 165 page
background image
DS13541 Rev 7
161/165
ST25R3916B ST25R3917B
Package information
164
6.3
WLCSP36 package information
This WLCSP is a 36 balls, 3.223 x 3.213 mm, 0.5 mm pitch, wafer level chip scale package.
Figure 42. WLCSP36 - Outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
Table 140. WLCSP36 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.550
0.590
0.630
0.0217
0.0232
0.0248
A1
-
0.235
-
-
0.0093
-
A2
-
0.330
-
-
0.0130
-
A3(2)
-
0.025
-
-
0.0010
-
b
-
0.330
-
-
0.0130
-
D
3.203
3.223
3.243
0.1261
0.1269
0.1277
E
3.193
3.213
3.233
0.1257
0.1265
0.1273
e
-
0.500
-
-
0.0197
-
e1
-
2.500
-
-
0.0984
-
F
-
0.357
-
-
0.0141
-
B078_WLCSP36_ME_V1
Y
Z
e1
e
e
e1
F
G
1
2
3
4
5
6
A
B
C
D
E
F
Orientation reference
BOTTOM VIEW
b
A1
A3
A2
A
DETAIL A
SIDE VIEW
X
aaa
(2X)
D
E
aaa
(2X)
TOP VIEW
Orientation reference
eee
b (36x)
Z
ccc
ddd
M
M
Z
Z XY
DETAIL A
A1
Seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com