Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 155Page - STMicroelectronics ST25R3916B Datasheet HTML 156Page - STMicroelectronics ST25R3916B Datasheet HTML 157Page - STMicroelectronics ST25R3916B Datasheet HTML 158Page - STMicroelectronics ST25R3916B Datasheet HTML 159Page - STMicroelectronics ST25R3916B Datasheet HTML 160Page - STMicroelectronics ST25R3916B Datasheet HTML 161Page - STMicroelectronics ST25R3916B Datasheet HTML 162Page - STMicroelectronics ST25R3916B Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 165 page
background image
DS13541 Rev 7
159/165
ST25R3916B ST25R3917B
Package information
164
6.2
UFQFPN32 package information
This UFQFPN is a 32 pins, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package
Figure 40. UFQFPN32 - Outline
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. This backside pad must be
connected and soldered to PCB ground.
D1
E2
e
E1
L
b
e
BOTTOM VIEW
PIN 1 identifier
Chamfer or
Circular arc shape
D2
EXPOSED PAD
R0.20
ddd
C
FRONT VIEW
A3
A
A1
C
SEATING PLANE
SEATING PLANE
C
A1
C
ddd
DETAIL A
DETAIL A
PIN 1 IDENTIFIER
LASER MARKING AREA
E
D
TOP VIEW
A0B8_UFQFPN32_ME_V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com