Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 151Page - STMicroelectronics ST25R3916B Datasheet HTML 152Page - STMicroelectronics ST25R3916B Datasheet HTML 153Page - STMicroelectronics ST25R3916B Datasheet HTML 154Page - STMicroelectronics ST25R3916B Datasheet HTML 155Page - STMicroelectronics ST25R3916B Datasheet HTML 156Page - STMicroelectronics ST25R3916B Datasheet HTML 157Page - STMicroelectronics ST25R3916B Datasheet HTML 158Page - STMicroelectronics ST25R3916B Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 165 page
background image
DS13541 Rev 7
155/165
ST25R3916B ST25R3917B
Electrical characteristics
164
Figure 34. RPmin vs. VDD, fc = 3.4 MHz
Figure 35. Maximum Rbus value vs. bus parasitic capacitance, fc = 3.4 MHz
MS53555V3
ST25R39xx
I2C bus
master
SCL
SDA
Cbus
Rbus
VDD
2000
1000
3000
4000
5000
6000
7000
8000
10
20
30
40
50
Bus parasitic capacitance (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com