Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 30Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 31Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 32Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 33Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 34Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 35Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 36Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 37Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
µPD75P3018A
32
Data Sheet U11917EJ2V1DS
8.3 Program Memory Read Procedure
The
µPD75P3018A can read program memory contents using the following procedure.
(1)
Pull unused pins to Vss through resistors. Set the X1 pin low.
(2)
Supply 5 V to the VDD and VPP pins.
(3)
Wait 10
µs.
(4)
Select the zero-clear program memory address mode.
(5)
Supply 6 V to the VDD and 12.5 V to the VPP pins.
(6)
Select the verify mode. Apply four pulses to the X1 pin. Every four clock pulses will output the data stored in one
address.
(7)
Select the zero-clear program memory address mode.
(8)
Return the VDD and VPP pins back to 5 V.
(9)
Turn off the power.
The following figure shows steps (2) to (7).
VPP
VDD
VDD + 1
VDD
VPP
VDD
X1
D0/P40 to D3/P43
D4/P50 to D7/P53
MD0/P30
MD2/P32
MD3/P33
MD1/P31
“L”
Data output
Data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com