Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 48Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 49Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 50Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 51Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 52Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 53Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 54Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 55Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
µPD75P3018A
50
Data Sheet U11917EJ2V1DS
20
1
S
80 PIN PLASTIC TQFP (FINE PITCH) (12x12)
ITEM
MILLIMETERS
I
J
0.50 (T.P.)
0.10
A
14.00
±0.20
B
12.00
±0.20
C
12.00
±0.20
D
14.00
±0.20
F
G
1.25
1.25
H
0.22
P80GK-50-BE9-6
S
1.27 MAX.
K
1.00
±0.20
L
0.50
±0.20
M
0.145
N
0.10
P
1.05
±0.07
Q
0.10
±0.05
R5
°±5°
+0.05
–0.04
+0.055
–0.045
J
NS
L
K
M
detail of lead end
61
60
41
40
21
80
A
B
C
D
S
QR
G
F
P
HI M
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com