Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 51Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 52Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 53Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 54Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 55Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 56Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 57Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 58Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
µPD75P3018A
53
Data Sheet U11917EJ2V1DS
Table 11-1. Surface Mounting Type Soldering Conditions (2/3)
(3)
µPD75P3018AGK-BE9: 80-pin plastic TQFP (fine pitch) (12 × 12 mm, resin thickness 1.05 mm)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235˚C, Time: 30 seconds max.
IR35-107-3
(at 210˚C or higher), Count: Three times or less,
Exposure limit: 7 daysNote (after that, prebake at 125˚C for 10 to 72 hours)
VPS
Package peak temperature: 215˚C, Time: 40 seconds max.
VP15-107-3
(at 200˚C or higher), Count: Three times or less,
Exposure limit: 7 daysNote (after that, prebake at 125˚C for 10 to 72 hours)
Partial heating
Pin temperature: 350˚C max., Time: 3 seconds max. (per pin row)
—
Note
After opening the dry pack, store it at 25˚C or less and 65% RH or less for the allowable storage period.
Caution
Do not use different soldering methods together (except for partial heating).
Remark
For soldering methods and conditions other than those recommended above, contact an NEC Electronics
sales representative.
(4)
µPD75P3018AGK-9EU: 80-pin plastic TQFP (fine pitch) (12 × 12 mm, resin thickness 1.00 mm)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235˚C, Time: 30 seconds max.
IR35-107-2
(at 210˚C or higher), Count: Twice or less,
Exposure limit: 7 daysNote (after that, prebake at 125˚C for 10 to 72 hours)
VPS
Package peak temperature: 215˚C, Time: 40 seconds max.
VP15-107-2
(at 200˚C or higher), Count: Twice or less,
Exposure limit: 7 daysNote (after that, prebake at 125˚C for 10 to 72 hours)
Partial heating
Pin temperature: 350˚C max., Time: 3 seconds max. (per pin row)
—
Note
After opening the dry pack, store it at 25˚C or less and 65% RH or less for the allowable storage period.
Caution
Do not use different soldering methods together (except for partial heating).
Remark
For soldering methods and conditions other than those recommended above, contact an NEC Electronics
sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com