Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 53Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 54Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 55Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 56Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 57Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 58Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 59Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 60Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
µPD75P3018A
55
Data Sheet U11917EJ2V1DS
APPENDIX A.
µPD75316B, 753017A AND 75P3018A FUNCTION LIST
Parameter
µPD75316B
µPD753017A
µPD75P3018A
Program memory
Mask ROM
Mask ROM
One-time PROM
0000H-3F7FH
0000H-5FFFH
0000H-7FFFH
(16256
× 8 bits)
(24576
× 8 bits)
(32768
× 8 bits)
Data memory
000H-3FFH (1024
× 4 bits)
CPU
75X Standard
75XL CPU
Instruction
When main system
0.95, 1.91, or 15.3
µs• 0.95, 1.91, 3.81, or 15.3 µs (at 4.19 MHz operation)
execution time
clock is selected
(at 4.19 MHz operation)
• 0.67, 1.33, 2.67, or 10.7
µs (at 6.0 MHz operation)
When subsystem
122
µs (at 32.768 kHz operation)
clock is selected
Pin connection
29 to 32
P40 to P43
P40/D0 to P43/D3
34 to 37
P50 to P53
P50/D4 to P53/D7
44
P12/INT2
P12/INT2/TI1/TI2
47
P21
P21/PTO1
48
P22/PCL
P22/PCL/PTO2
50 to 53
P30 to P33
P30/MD0 to P33/MD3
57
IC
VPP
Stack
SBS register
None
SBS.3 = 1; Mk I mode selection
SBS.3 = 0; Mk II mode selection
Stack area
000H-0FFH
n00H-nFFH (n = 0-3)
Subroutine call instruction
2-byte stack
Mk I mode: 2-byte stack
stack operation
Mk II mode: 3-byte stack
Instruction
BRA !addr1
Unavailable
Mk I mode: unavailable
CALLA !addr1
Mk II mode: available
MOVT XA, @BCDE
Available
MOVT XA, @BCXA
BR BCDE
BR BCXA
CALL !addr
3 machine cycles
Mk I mode: 3 machine cycles, Mk II mode: 4 machine cycles
CALLF !faddr
2 machine cycles
Mk I mode: 2 machine cycles, Mk II mode: 3 machine cycles
Mask option
Yes
None
Timer
3 channels:
5 channels:
• Basic interval timer
• Basic interval timer/watchdog timer: 1 channel
: 1 channel
• 8-bit timer/event counter: 3 channels
• 8-bit timer/event counter
(can be used as 16-bit timer/event counter, carrier generator,
: 1 channel
timer with gate)
• Watch timer: 1 channel
• Watch timer: 1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com