Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 37Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 39Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 40Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 41Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 42Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 43Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 44Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
µPD75P3018A
39
Data Sheet U11917EJ2V1DS
AC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle time Note 1
tCY
Operation with
VDD = 2.7 to 5.5 V
0.67
64
µs
(minimum instruction execution
main system clock
0.95
64
µs
time = 1 machine cycle)
Operation with subsystem clock
114
122
125
µs
TI0, TI1, TI2 input frequency
fTI
VDD = 2.7 to 5.5 V
0
1.0
MHz
0
275
kHz
TI0, TI1, TI2 input high-/
tTIH, tTIL
VDD = 2.7 to 5.5 V
0.48
µs
low-level width
1.8
µs
Interrupt input high-/low-level tINTH, tINTL INT0
IM02 = 0
Note 2
µs
width
IM02 = 1
10
µs
INT1, 2, 4
10
µs
KR0-7
10
µs
RESET low-level width
tRSL
10
µs
Notes 1. The cycle time (minimum instruc-
tion execution time) of the CPU
clock (
Φ) is determined by the
oscillation frequency of the
connected
resonator
(and
external clock), the system clock
control register (SCC), and
processor clock control register
(PCC).
The figure on the right shows the
supply voltage VDD vs. cycle time
tCY characteristics when the
device operates with the main
system clock.
2. 2tCY or 128/fX depending on the
setting of the interrupt mode
register (IM0).
Operation
guaranteed range
Supply voltage
VDD [V]
0123456
0.5
1
2
3
4
5
6
60
64
tCY vs VDD
(with main system clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com