Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 34Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 35Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 36Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 37Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 39Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 40Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 41Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
µPD75P3018A
36
Data Sheet U11917EJ2V1DS
Subsystem Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Resonator
Recommended Circuit
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Crystal
Oscillation frequency
32
32.768
35
kHz
resonator
(fXT)Note 1
Oscillation
VDD = 4.5 to 5.5 V
1.0
2
s
stabilization timeNote 2
10
External
XT1 input frequency
32
100
kHz
clock
(fXT)Note 1
XT1 input high-/
5
15
µs
low-level width
(tXTH, tXTL)
Notes 1. The oscillation frequency and XT1 input frequency shown above indicate characteristics of the oscillator only.
For the instruction execution time, refer to AC Characteristics.
2. The oscillation stabilization time is the time required for oscillation to be stabilized after VDD has been applied.
Caution
When using the subsystem clock oscillator , wire the portion enclosed in the broken line in the above
figure as follows to prevent adverse influence due to wiring capacitance:
• Keep the wiring length as short as possible.
• Do not cross the wiring with other signal lines.
• Do not route the wiring in the vicinity of a line through which a high alternating current flows.
• Always keep the ground point of the capacitor of the oscillator at the same potential as VDD.
• Do not ground to a power supply pattern through which a high current flows.
• Do not extract signals from the oscillator.
The subsystem clock oscillator has a low amplification factor to reduce current consumption and is
more susceptible to noise than the main system clock oscillator. Therefore, exercise utmost care in
wiring the subsystem clock oscillator.
Remark
For the resonator selection and oscillator constant, customers are requested to either evaluate the oscillation
themselves or apply to the resonator manufacturer for evaluation.
XT1
XT2
C3
C4
R
VDD
XT1
XT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com