Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 39Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 40Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 41Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 42Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 43Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 44Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 45Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
µPD75P3018A
40
Data Sheet U11917EJ2V1DS
Serial transfer operation
2-wire and 3-wire serial I/O modes (SCK ... internal clock output): (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK cycle time
tKCY1
VDD = 2.7 to 5.5 V
1300
ns
3800
ns
SCK high-/low-level width
tKL1, tKH1
VDD = 2.7 to 5.5 V
tKCY1/2–50
ns
tKCY1/2–150
ns
SINote 1 setup time (to SCK
↑) tSIK1
VDD = 2.7 to 5.5 V
150
ns
500
ns
SINote 1 hold time (from SCK
↑) tKSI1
VDD = 2.7 to 5.5 V
400
ns
600
ns
SCK
↓ → SONote 1 output
tKSO1
RL = 1 k
Ω, Note 2
VDD = 2.7 to 5.5 V
0
250
ns
delay time
CL = 100 pF
0
1000
ns
Notes 1. In 2-wire serial I/O mode, read SB0 or SB1 instead.
2. RL and CL respectively indicate the load resistance and load capacitance of the SO output line.
2-wire and 3-wire serial I/O modes (SCK ... external clock input): (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK cycle time
tKCY2
VDD = 2.7 to 5.5 V
800
ns
3200
ns
SCK high-/low-level width
tKL2, tKH2
VDD = 2.7 to 5.5 V
400
ns
1600
ns
SINote 1 setup time (to SCK
↑) tSIK2
VDD = 2.7 to 5.5 V
100
ns
150
ns
SINote 1 hold time (from SCK
↑) tKSI2
VDD = 2.7 to 5.5 V
400
ns
600
ns
SCK
↓ → SONote 1 output
tKSO2
RL = 1 k
Ω, Note 2
VDD = 2.7 to 5.5 V
0
300
ns
delay time
CL = 100 pF
0
1000
ns
Notes 1. In 2-wire serial I/O mode, read SB0 or SB1 instead.
2. RL and CL respectively indicate the load resistance and load capacitance of the SO output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com