Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 13Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 14Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 15Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 16Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 17Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 18Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 19Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 20Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
µPD75P3018A
15
Data Sheet U11917EJ2V1DS
5. DIFFERENCES BETWEEN
µPD75P3018A AND µPD753012A, 753016A, AND 753017A
The
µPD75P3018A replaces the internal mask ROM in the µPD753012A, 753016A, and 753017A with a one-time PROM
and features expanded ROM capacity. The
µPD75P3018A’s Mk I mode supports the Mk I mode in the µPD753012A,
753016A, and 753017A and the
µPD75P3018A’s Mk II mode supports the Mk II mode in the µPD753012A, 753016A, and
753017A.
Table 5-1 lists differences among the
µPD75P3018A and the µPD753012A, 753016A, and 753017A. Be sure to check
the differences among these products before using them with PROMs for debugging or prototype testing of application
systems or, later, when using them with a mask ROM for full-scale production.
For the CPU functions and internal hardwares, refer to
µPD753017 User's Manual (U11282E).
Table 5-1. Differences between
µPD75P3018A and µPD753012A, 753016A, and 753017A
Item
µPD753012A
µPD753016A
µPD753017A
µPD75P3018A
Program counter
14 bits
15 bits
Program memory (bytes)
Mask ROM
One-time PROM
During
12288
16384
16384
16384
Mk I mode
During
12288
16384
24576
32768
Mk II mode
Data memory (
× 4 bits)
1024
Mask options
Pull-up resistor for
Yes (Can be specified whether to incorporate or not)
No (Cannot incorporate)
PORT4 and PORT5
LCD split resistor
Feedback resistor
Yes (Can be specified whether to use or not)
No (used)
for subsystem clock
Wait time
Yes (Can be specified either 217/fX or 215/fX)Note
No (Fixed at 215/fX)Note
during RESET
Pin configuration
Pin Nos. 29 to 32
P40 to P43
P40/D0 to P43/D3
Pin Nos. 34 to 37
P50 to P53
P50/D4 to P53/D7
Pin No. 50
P30/LCDCL
P30/LCDCL/MD0
Pin No. 51
P31/SYNC
P31/SYNC/MD1
Pin Nos. 52 and 53
P32, P33
P32/MD2, P33/MD3
Pin No. 57
IC
VPP
Other
Noise resistance and noise radiation may differ due to the different circuit sizes and mask
layouts.
Note
For 217/fX, during 6.0 MHz operation is 21.8 ms, and during 4.19 MHz operation is 31.3 ms.
For 215/fX, during 6.0 MHz operation is 5.46 ms, and during 4.19 MHz operation is 7.81 ms.
Caution
Noise resistance and noise radiation are different in PROM and mask ROMs. In transferring to mask
ROM version from the PROM version in a process between prototype development and full production,
be sure to fully evaluate the mask ROM version’s CS (not ES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com