Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 56Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 57Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 58Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 59Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 60Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 61Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 62Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 63Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
µPD75P3018A
58
Data Sheet U11917EJ2V1DS
PROM Write Tools
Hardware
PG-1500
This is a PROM programmer that can program single-chip microcontroller with PROM in stand
alone mode or under control of host machine when connected with supplied accessory board
and optional programmer adapter.
It can also program typical PROMs in capacities ranging from 256 K to 4 M bits.
PA-75P316BGC
This is a PROM programmer adapter for the
µPD75P3018AGC-3B9.
It can be used when connected to a PG-1500.
PA-75P316BGK
This is a PROM programmer adapter for the
µPD75P3018AGK-BE9.
It can be used when connected to a PG-1500.
PA-75P3018AGC-8BT
This is a PROM programmer adapter for the
µPD75P3018AGC-8BT.
It can be used when connected to a PG-1500.
PA-75P3018AGK-9EU
This is a PROM programmer adapter for the
µPD75P3018AGK-9EU.
It can be used when connected to a PG-1500.
Software
PG-1500 controller
Connects PG-1500 to host machine with serial and parallel interface and controls PG-1500 on
host machine.
Host machine
Part No. (name)
OS
Supply medium
PC-9800 Series
MS-DOS
3.5" 2HD
µS5A13PG1500
Ver.3.30 to
Ver.6.2Note
IBM PC/AT
Refer to "OS for
3.5" 2HD
µS7B13PG1500
or compatible
IBM PCs"
Note
Ver. 5.00 or later includes a task swapping function, but this software is not able to use that function.
Remark
Operation of the PG-1500 controller is guaranteed only when using the host machine and OS described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com