Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 32Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 33Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 34Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 35Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 36Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 37Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 39Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
µPD75P3018A
34
Data Sheet U11917EJ2V1DS
9. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
PROM supply voltage
VPP
–0.3 to +13.5
V
Input voltage
VI1
Other than ports 4 and 5
–0.3 to VDD + 0.3
V
VI2
Ports 4 and 5 (During N-ch open drain)
–0.3 to +14
V
Output voltage
VO
–0.3 to VDD + 0.3
V
High-level output current
IOH
Per pin
–10
mA
Total of all pins
–30
mA
Low-level output current
IOL
Per pin
30
mA
Total of all pins
220
mA
Operating ambient
TA
–40 to +85Note
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Note
To drive LCD in normal mode, TA = –10 to +85
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Capacitance (TA = 25
°C, VDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
15
pF
Output capacitance
COUT
Unmeasured pins returned to 0 V
15
pF
I/O capacitance
CIO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com