Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 44Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 45Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 46Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 47Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 48Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 49Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 50Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 51Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
µPD75P3018A
46
Data Sheet U11917EJ2V1DS
DC Programming Characteristics (TA = 25
±5°C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIH1
Pins other than X1, X2
0.7VDD
VDD
V
VIH2
X1, X2
VDD – 0.5
VDD
V
Low-level input voltage
VIL1
Pins other than X1, X2
0
0.3VDD
V
VIL2
X1, X2
0
0.4
V
Input leakage current
ILI
VIN = VIL or VIH
10
µA
High-level output voltage
VOH
IOH = –1 mA
VDD – 1.0
V
Low-level output voltage
VOL
IOL = 1.6 mA
0.4
V
VDD supply current
IDD
30
mA
VPP supply current
IPP
MD0 = VIL, MD1 = VIH
30
mA
Cautions 1. Ensure that VPP does not exceed +13.5 V including overshoot.
2. VDD must be applied before VPP, and cut after VPP.
AC Programming Characteristics (TA = 25
±5°C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V, VSS = 0 V)
Parameter
Symbol
Note 1
Conditions
MIN.
TYP.
MAX.
Unit
Address setup timeNote 2 (to MD0
↓)tAS
tAS
2
µs
MD1 setup time (to MD0
↓)tM1S
tOES
2
µs
Data setup time (to MD0
↓)tDS
tDS
2
µs
Address hold timeNote 2 (from MD0
↑)tAH
tAH
2
µs
Data hold time (from MD0
↑)tDH
tDH
2
µs
MD0
↑→Data output float delay time
tDF
tDF
0
130
ns
VPP setup time (to MD3
↑)tVPS
tVPS
2
µs
VDD setup time (to MD3
↑)tVDS
tVCS
2
µs
Initial program pulse width
tPW
tPW
0.95
1.0
1.05
ms
Additional program pulse width
tOPW
tOPW
0.95
21.0
ms
MD0 setup time (to MD1
↑)tM0S
tCES
2
µs
MD0
↓→Data output delay time
tDV
tDV
MD0 = MD1 = VIL
1
µs
MD1 hold time (from MD0
↑)tM1H
tOEH
tM1H + tM1R
≥ 50
µs2
µs
MD1 recovery time (from MD0
↓)tM1R
tOR
2
µs
Program counter reset time
tPCR
—10
µs
X1 input high-/low-level widths
tXH, tXL
—
0.125
µs
X1 input frequency
fX
—
4.19
MHz
Initial mode setting time
tI
—2
µs
MD3 setup time (to MD1
↑)tM3S
—2
µs
MD3 hold time (from MD1
↓)tM3H
—2
µs
MD3 setup time (to MD0
↓)tM3SR
—
Program memory read
2
µs
Data output delay time from addressNote 2
tDAD
tACC
Program memory read
2
µs
Data output hold time from addressNote 2
tHAD
tOH
Program memory read
0
130
µs
MD3 hold time (from MD0
↑)tM3HR
—
Program memory read
2
µs
MD3
↓→Data output float delay time
tDFR
—
Program memory read
2
µs
Notes 1. Symbol of corresponding
µPD27C256A
2. The internal address signal is incremented by 1 on the 4th rise of the X1 input, and is not connected to a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com