Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P3018A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 18Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 19Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 20Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 21Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 22Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 23Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 24Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 25Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
µPD75P3018A
20
Data Sheet U11917EJ2V1DS
7. INSTRUCTION SET
(1) Representation and coding formats for operands
In the instruction’s operand area, use the following coding format to describe operands corresponding to the instruction’s
operand representations (for further description, see the RA75X Assembler Package User’s Manual Language
(U12385E)). When there are several codes, select and use just one. Codes that consist of uppercase letters and + or
– symbols are key words that should be entered as they are.
For immediate data, enter an appropriate numerical value or label.
Enter register flag symbols as label descriptors instead of mem, fmem, pmem, bit, etc. (For details, refer to the
µPD753017
User’s Manual (U11282E)). The number of labels that can be entered for fmem and pmem are restricted.
Representation
Coding Format
reg
X, A, B, C, D, E, H, L
reg1
X, B, C, D, E, H, L
rp
XA, BC, DE, HL
rp1
BC, DE, HL
rp2
BC, DE
rp’
XA, BC, DE, HL, XA’, BC’, DE’, HL’
rp’1
BC, DE, HL, XA’, BC’, DE’, HL’
rpa
HL, HL+, HL–, DE, DL
rpa1
DE, DL
n4
4-bit immediate data or label
n8
8-bit immediate data or label
mem
8-bit immediate data or labelNote
bit
2-bit immediate data or label
fmem
FB0H-FBFH, FF0H-FFFH immediate data or label
pmem
FC0H-FFFH immediate data or label
addr
0000H-3FFFH immediate data or label
addr1
0000H-7FFFH immediate data or label (Mk II mode only)
caddr
12-bit immediate data or label
faddr
11-bit immediate data or label
taddr
20H-7FH immediate data (however, bit0 = 0) or label
PORTn
PORT0-PORT7
IEXXX
IEBT, IECSI, IET0, IET1, IET2, IE0-IE2, IE4, IEW
RBn
RB0-RB3
MBn
MB0-MB3, MB15
Note
When processing 8-bit data, only even-numbered addresses can be specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com