Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 164 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 164 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 160Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 161Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 162Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 163Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 164Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 165Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 166Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 167Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 168Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 332 page
background image
146
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
6.4
I/O Read and Write
Basic I/O Read and
Write
The processor accesses I/O when it executes an I/O instruction
(for example, IN or OUT). Figure 56 shows an I/O read followed
by an I/O write. The processor drives M/IO# Low and D/C# High
during I/O cycles. In this example, the first cycle shows a single
wait state I/O read cycle. It follows the same sequence as a
single-transfer memory read cycle. The processor drives ADS#
to initiate the bus cycle, then it samples BRDY# on every clock
edge starting with the clock edge after the clock edge that
negates ADS#. The system logic must return BRDY# to
complete the cycle. When the processor samples BRDY#
asserted, it can assert ADS# for the next cycle off the next clock
edge. (In this example, an I/O write cycle.)
The I/O write cycle is similar to a memory write cycle, but the
processor drives M/IO# low during an I/O write cycle. The
processor asserts ADS# to initiate the bus cycle. The processor
drives D[63:0] with valid data one clock edge after the clock
edge on which ADS# is asserted. The system logic must assert
BRDY# when the data is properly stored to the I/O destination.
The processor samples BRDY# on every clock edge starting with
the clock edge after the clock edge that negates ADS#. In this
example, two wait states are inserted while the processor waits
for BRDY# to be asserted.
Figure 56. Basic I/O Read and Write
I/O Read Cycle
I/O Write Cycle
CLK
A[31:3]
BE[7:0]#
ADS#
M/IO#
D/C#
W/R#
D[63:0]
BRDY#
ADDR
DATA
DATA
IDLE
ADDR
DATA
DATA
DATA
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com