Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 227 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 227 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 223Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 224Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 225Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 226Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 227Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 228Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 229Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 230Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 231Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 332 page
background image
Chapter 9
Write Merge Buffer
209
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
WCn (n=0, 1). When set to 1, this memory range is defined as
write combinable (see Table 38 on page 209). Write-combinable
memory is uncacheable.
UCn (n=0, 1). When set to 1, this memory range is defined as
uncacheable (see Table 38).
9.3
Memory-Range Restrictions
The following rules regarding the address alignment and size of
each range must be adhered to when programming the physical
base address and physical address mask fields of the UWCCR
register:
s
The minimum size of each range is 128 Kbytes.
s
The physical base address must be aligned on a 128-Kbyte
boundary.
s
The physical base address must be range-size aligned. For
example, if the size of the range is 1 Mbyte, then the
physical base address must be aligned on a 1-Mbyte
boundary.
s
All bits set to 1 in the physical address mask must be
contiguous. Likewise, all bits cleared to 0 in the physical
address mask must be contiguous. For example:
111_1111_1100_0000b is a valid physical address mask
111_1111_1101_0000b is invalid
Table 38. WC/UC Memory Type
WCn
UCn
Memory Type
0
0
No effect on cacheability or write combining
1
0
Write-combining memory range (uncacheable)
0 or 1
1
Uncacheable memory range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com