Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 229 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 229 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 225Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 226Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 227Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 228Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 229Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 230Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 231Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 232Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 233Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 332 page
background image
Chapter 9
Write Merge Buffer
211
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
9.4
Examples
Suppose that the range of memory from 16 Mbytes to 32 Mbytes
is uncacheable, and the 8-Mbyte range of memory on top of 1
Gbyte i s wri t e-c o m b i nab le . Ran g e 0 i s d e f i n e d as t he
uncacheable range, and range 1 is defined as the write-
combining range.
s
Extracting the 15 most-significant bits of the 32-bit physical
base address that corresponds to 16 Mbytes (0100_0000h)
yields
a
physical
base
address
0
field
of
000_0000_1000_0000b. Because the uncacheable range size
is
16
Mbytes,
the
physical
mask
value
0
field
is
111_1111_1000_0000b, according to Table 39. Bit 1 of the
UWCCR register (WC0) is cleared to 0 and bit 0 of the
UWCCR register is set to 1 (UC0).
s
Extracting the 15 most-significant bits of the 32-bit physical
base address that corresponds to 1 Gbyte (4000_0000h)
yields
a
physical
base
address
1
field
of
010_0000_0000_0000b. Because the write-combining range
size is 8 Mbytes, the physical mask value 1 field is
111_1111_1100_0000b, according to Table 39. Bit 33 of the
UWCCR register (WC1) is set to 1 and bit 32 of the UWCCR
register is cleared to 0 (UC1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com