Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 253 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 253 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 249Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 250Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 251Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 252Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 253Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 254Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 255Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 256Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 257Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 332 page
background image
Chapter 12
Test and Debug
235
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Bypass Register (BR). The BR is a Test Data register consisting of a
1-bit shift register that provides the shortest path between TDI
and TD O. When the processor is not involved in a test
operation, the BR can be selected by an instruction to allow the
transfer of test data through the processor without having to
serially scan the test data through the BSR. This functionality
preserves the state of the BSR and significantly reduces test
time.
The BR register is selected by the BYPASS and HIGHZ
instructions as well as by any instructions not supported by the
AMD-K6-2E processor.
TAP Instructions
The processor supports the three instructions required by the
IEEE 1149.1 standard — EXTEST, SAMPLE/PRELOAD, and
BYPASS — as well as two additional optional instructions —
IDCODE and HIGHZ.
Table 47 shows the complete set of TAP instructions supported
by the processor along with the 5-bit Instruction Register
encoding and the register selected by each instruction.
EXTEST Instruction. When the EXTEST instruction is executed,
the processor loads the BSR shift register with the current state
of the input and bidirectional pins in the Capture-DR state and
drives the output and bidirectional pins with the corresponding
values from the BSR output register in the Update-DR state.
Table 47. Supported Test Access Port (TAP) Instructions
Instruction
Encoding
Register
Description
EXTEST1
00000b
BSR
Sample inputs and drive outputs
SAMPLE / PRELOAD
00001b
BSR
Sample inputs and outputs, then load the BSR
IDCODE
00010b
DIR
Read DIR
HIGHZ
00011b
BR
Float outputs and bidirectional pins
BYPASS2
00100b–11110b
BR
Undefined instruction, execute the BYPASS instruction
BYPASS3
11111b
BR
Connect TDI to TDO to bypass the BSR
Notes:
1. Following the execution of the EXTEST instruction, the processor must be reset to return to normal, non-test operation.
2. These instruction encodings are undefined on the AMD-K6-2E processor and default to the BYPASS instruction.
3. Because the TDI input contains an internal pullup, the BYPASS instruction is executed if the TDI input is not connected or open
during an instruction scan operation. The BYPASS instruction does not affect the normal operational state of the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com