Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 258 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 258 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 254Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 255Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 256Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 257Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 258Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 259Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 260Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 261Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 262Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 332 page
background image
240
Test and Debug
Chapter 12
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
the execution of writeback cycles when a modified cache line is
hit.
While the L1 is inhibited, the processor continues to drive the
PCD output signal appropriately, which system logic can use to
control external L2 caching.
In order to completely disable the L1 cache so that no valid
lines exist in the cache, the Cache Inhibit bit must be set to 1
and the cache must be flushed in one of the following ways:
s
By asserting the FLUSH# input signal
s
By executing the WBINVD instruction
s
By executing the INVD instruction (modified cache lines are
not written back to memory)
s
By using the Page Flush/Invalidate register (PFIR) (see
“Page Flush/Invalidate Register (PFIR)” on page 200)
12.5
Debug
The AMD-K6-2E processor implements the standard x86 debug
functions, registers, and exceptions. In addition, the processor
supports the I/O breakpoint debug extension. The debug
feature assists programmers and system designers during
software execution tracing by generating exceptions when one
or more events occur during processor execution. The exception
handler, or debugger, can be written to perform various tasks,
such as displaying the conditions that caused the breakpoint to
occur, displaying and modifying register or memory contents, or
single-stepping through program execution.
The following sections describe the debug registers and the
various types of breakpoints and exceptions that the processor
supports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com