Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 313 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 313 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 309Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 310Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 311Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 312Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 313Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 314Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 315Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 316Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 317Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 332 page
background image
Chapter 16
Thermal Design
295
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
16.4
Layout and Airflow Considerations
Voltage Regulator
A voltage regulator is required to support the lower voltage
(3.3 V and lower) to the processor. In most applications, the
voltage regulator is designed with power transistors. As a
result, additional heatsinks are required to dissipate the heat
from the power transistors. Figure 109 shows the voltage
regulator placed parallel to the processor with the airflow
aligned with the devices. With this alignment, the heat
generated by the voltage regulator has minimal effect on the
processor.
Figure 109. Voltage Regulator Placement
A heatsink and fan combination can deliver much better
thermal performance than a heatsink alone. More importantly,
with a fan/sink, the airflow requirements in a system design are
not as critical. A unidirectional heatsink with a fan moves air
from the top of the heatsink to the side. In this case, the best
location for the voltage regulator is on the side of the processor
in the path of the airflow exiting the fan sink (see Figure 110 on
page 296). This location guarantees that the heatsinks on both
t h e pro c ess o r a n d t h e re gula to r re c e ive ade quat e ai r
circulation.
Processor
Airflow
Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com