Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 101Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 102Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 103Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 104Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 105Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 106Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 107Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 108Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 332 page
background image
Chapter 5
Signal Descriptions
87
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.3
A[31:3] (Address Bus)
Pin Attribute
A[31:5] Bidirectional, A[4:3] Output
Pin Location
See “Pin Designations by Functional Grouping” on page 301.
Summary
A[31:3] contain the physical address for the current bus cycle.
The processor drives addresses on A[31:3] during memory and
I/O cycles, and cycle definition information during special bus
cycles. The processor samples addresses on A[31:5] during
inquire cycles.
Driven, Sampled, and
Floated
As Outputs: A[31:3] are driven valid off the same clock edge as
ADS # and remain in the same state until the clock edge on
which NA # or the last expected BRDY # of the cycle is sampled
asserted. A[31:3] are driven during memory cycles, I/O cycles,
special bus cycles, and interrupt acknowledge cycles. The
processor continues to drive the address bus while the bus is
idle.
As Inputs: The processor samples A[31:5] during inquire cycles
on the clock edge on which EADS# is sampled asserted. Even
though A4 and A3 are not used during the inquire cycle, they
must be driven to a valid state and must meet the same timings
as A[31:5].
A[31:3] are floated off the clock edge that AHOLD or BOFF# is
sampled asserted and off the clock edge that the processor
asserts HLDA in recognition of HOLD.
The processor resumes driving A[31:3] off the clock edge on
which the processor samples AHOLD or BOFF# negated and off
the clock edge on which the processor negates HLDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com