Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 102Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 103Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 104Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 105Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 106Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 107Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 108Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 109Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 332 page
background image
88
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.4
ADS# (Address Strobe)
Pin Attribute
Output
Pin Location
AJ-05
Summary
The assertion of ADS # indicates the beginning of a new bus
cycle. The address bus and all cycle definition signals
corresponding to this bus cycle are driven valid off the same
clock edge as ADS#.
Driven and Floated
ADS # is asserted for one clock at the beginning of each bus
cycle. For non-pipelined cycles, ADS# can be asserted as early
as the clock edge after the clock edge on which the last
expected BRDY# of the cycle is sampled asserted, resulting in a
single idle state between cycles. For pipelined cycles if the
processor is prepared to start a new cycle, ADS# can be asserted
as early as one clock edge after NA# is sampled asserted.
If AHOLD is sampled asserted, ADS# is only driven in order to
perform a writeback cycle due to an inquire cycle that hits a
modified cache line.
The processor floats ADS # off the clock edge that BOFF # is
sampled asserted and off the clock edge that the processor
asserts HLDA in recognition of HOLD.
5.5
ADSC# (Address Strobe Copy)
Pin Attribute
Output
Pin Location
AM-02
Summary
ADSC # has the identical function and timing as ADS #. In the
event ADS# becomes too heavily loaded due to a large fanout in
a system, ADSC # can be used to split the load across two
outputs, which can improve system timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com