Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 20Page - NXP Semiconductors LPC55S2X Datasheet HTML 21Page - NXP Semiconductors LPC55S2X Datasheet HTML 22Page - NXP Semiconductors LPC55S2X Datasheet HTML 23Page - NXP Semiconductors LPC55S2X Datasheet HTML 24Page - NXP Semiconductors LPC55S2X Datasheet HTML 25Page - NXP Semiconductors LPC55S2X Datasheet HTML 26Page - NXP Semiconductors LPC55S2X Datasheet HTML 27Page - NXP Semiconductors LPC55S2X Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
6
R
Reserved.
7
R
Reserved.
8
R
Reserved.
9
R
Reserved.
I/O 10
SEC_PIO0_24
Secure GPIO pin.
I/O 0
PIO0_25
General-purpose digital input/output pin.
I/O 1
FC0_TXD_SCL_MISO_WS
Flexcomm 0: USART transmitter, I2C clock,
SPI master-in/slave-out data I/O, I2S word-
select/frame.
I/O 2
SD0_D[1]
SD/MMC 0 data 1.
I
3
CTIMER_INP9
Capture input to CTIMER input multiplexers.
I
4
SCT0_GPI1
Pin input 1 to SCTimer/PWM.
5
R
Reserved.
6
R
Reserved.
7
R
Reserved.
8
R
Reserved.
9
R
Reserved.
PIO0_25
A9
51
A11
79
[3]
Z
I/O 10
SEC_PIO0_25
Secure GPIO pin.
I/O 0
PIO0_26
General-purpose digital input/output pin.
Remark: In ISP mode, this pin is set to the
HS SPI MOSI function (Flexcomm 8)
PIO0_26
F8
40
H12
60
[3][6] Z
I/O 1
FC2_RXD_SDA_MOSI_DATA
Flexcomm 2: USART receiver, I2C data I/O,
SPI master-out/slave-in data, I2S data I/O.
Table 3. Pin description...continued
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
24 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com