Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors LPC55S2X Datasheet HTML 71Page - NXP Semiconductors LPC55S2X Datasheet HTML 72Page - NXP Semiconductors LPC55S2X Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
• PUF controller combines keys with digital fingerprint of device to generate key codes. These key codes should
be provided to the controller to reconstruct original key. They can be stored on external non-volatile memory
device in the system.
• Key output via dedicated hardware interface or through register interface.
• PUF controller allows to assign a 4-bit index value for each key while generating key codes. Keys that are
assigned index value zero are output through HW bus, accessible to AES and PRINCE engines only. Keys
with non-zero index are available through APB register interface.
• 32-bit APB interface.
7.28.4 Random Number Generator
The True Random Number Generators (TRNG) module is a hardware accelerator module that generate 256-bit
entropy. The purpose of the module is to generate high quality, cryptographically secure, random data.
Random number generators are used for data masking, cryptographic, modeling and simulation application
which employ keys that must be generated in a random fashion LPC55S2x/LPC552x embeds a hardware IP
that - combined with appropriate software and the availability of a stochastic model - can be used to generate
random numbers.
7.28.5 PRINCE On-the-fly encryption/decryption
LPC55S2x devices offer support for on-the-fly encryption of date being written to flash and decryption of
encrypted on-chip flash data during read using the PRINCE encryption algorithm. Compared to AES, PRINCE
is fast as it can decrypt and encrypt in one clock cycle. Also, it does not need extra SRAM to copy data. It
operates on a block-size of 64 bits with an 128-bit key. This functionality is useful for asset protection, such as
securing application code, securing stored keys and enabling secure flash update.
7.28.6 Universally Unique Identifier (UUID)
Each LPC55S2x/LPC552x device consists of a unique 128-bit IETF RFC4122 compliant non-sequential UUID.
It can be read from the protected flash region (register location 0x0009_FC70 onwards).
7.29 Debug Mailbox and Authentication
The Debugger Mailbox (DM) AP offers a register based mailbox accessible by both CPUs and the device debug
port DP of the MCU. This port is always enabled and external world can send and receive data to/from ROM.
This port is used to implement NXP Debug Authentication Protocol. BootROM implements debug mailbox
protocol to interact with tools over SWD interface. LPC55S2x offers a debug authentication protocol as a tool to
authenticate the debugger and grant it access to the device. The debug authentication scheme on LPC55S2x is
a challenge-response scheme and assures that debugger in possession of required debug credentials only can
successfully authenticate over debug interface and access restricted parts of the device. This protocol provides
a mechanism for a device and its debug interface to authenticate the identity and credentials of the debugger
(or user). Access right settings can be pre-configured and gets loaded into register above upon successful
debug authentication. Until debug authentication process is successfully completed, secure part of the device is
non-accessible to the debugger.
7.30 Emulation and debugging
Debug and trace functions are integrated into the Arm Cortex-M33. Serial wire debug and trace function (Serial
Wire Output) are supported. Eight breakpoints and four watch points are supported. In addition, JTAG boundary
scan mode is provided.
The Arm SYSREQ reset is supported and causes the processor to reset the peripherals, execute the boot code,
restart from address 0x0000 0000, and break at the user entry point.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
69 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com