Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 93 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 89Page - NXP Semiconductors LPC55S2X Datasheet HTML 90Page - NXP Semiconductors LPC55S2X Datasheet HTML 91Page - NXP Semiconductors LPC55S2X Datasheet HTML 92Page - NXP Semiconductors LPC55S2X Datasheet HTML 93Page - NXP Semiconductors LPC55S2X Datasheet HTML 94Page - NXP Semiconductors LPC55S2X Datasheet HTML 95Page - NXP Semiconductors LPC55S2X Datasheet HTML 96Page - NXP Semiconductors LPC55S2X Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Tamb = -40 °C to 105 °C; VDD = 1.8 V to 3.6 V; CL = 10 pF balanced loading on all pins; Input slew = 1 ns, SLEW setting =
fast-mode for all pins; Parameters sampled at the 50% level of the rising or falling edge.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tv(Q)
data output valid time
9
-
25
ns
Table 37. USART dynamic characteristics[1]...continued
[1]
Based on simulated values. Not tested in production.
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
tv(Q)
START
BIT0
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
Figure 22. USART timing
11.14 SD/MMC and SDIO
Tamb = -40 °C to +105 °C, VDD = 1.8 V to 3.6 V; CL = 10 pF. SAMPLE_DELAY = 0, DRV_DELAY = 0 in the SDDELAY
register, SDIOCLKCTRL = 0x84, sampled at 90 % and 10 % of the signal level, SLEW = 1 ns for SD_CLK pin, SLEW = 1 ns
for SD_DATn and SD_CMD pins. Simulated values in high-speed mode. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode
-
-
50
MHz
tsu(D)
data input set-up time
on pins SD_DATn as inputs
15
-
-
ns
on pins SD_CMD as inputs
15
-
-
ns
th(D)
data input hold time
on pins SD_DATn as inputs
0
-
-
ns
on pins SD_CMD as inputs
0
-
-
ns
tv(Q)
data output valid time
on pins SD_DATn as outputs
3
-
7
ns
on pins SD_CMD as outputs
3
-
7
ns
Table 38. Dynamic characteristics: SD/MMC and SDIO
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
93 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com