Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 94Page - NXP Semiconductors LPC55S2X Datasheet HTML 95Page - NXP Semiconductors LPC55S2X Datasheet HTML 96Page - NXP Semiconductors LPC55S2X Datasheet HTML 97Page - NXP Semiconductors LPC55S2X Datasheet HTML 98Page - NXP Semiconductors LPC55S2X Datasheet HTML 99Page - NXP Semiconductors LPC55S2X Datasheet HTML 100Page - NXP Semiconductors LPC55S2X Datasheet HTML 101Page - NXP Semiconductors LPC55S2X Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
12.4 Comparator
Tamb = -40 °C to +105 °C unless noted otherwise; VBAT_PMU = 1.8 V to 3.6 V.
Symbol Parameter
Conditions
Min Typ[1] Max
Unit
Static characteristics
Low Power Mode
-
2.5
-
μA
IDD
supply current
Fast Mode
-
5
-
μA
VIC
common-mode input voltage Propagation delay; Vcm_min = 0.1 V to
VBAT_PMU-0.1 V
0
-
VBAT_PMU
V
Voffset
offset voltage
Common mode
input voltage < VBAT_PMU - 0.2 V
0
-
10
mV
Voffset
offset voltage
Common mode
input voltage (Range: VBAT_PMU - 0.2
V:VBAT_PMU - 0.1 V)
0
-
20
mV
Dynamic characteristics
tstartup
start-up time
nominal process; VBAT_PMU = 3.3
V; Tamb = 25 °C, Max overdrive with
reference at mid-supply
-
3.3
-
μs
V_overdrive = 10 mV
-
1150 6000
ns
V_overdrive = 50 mV
-
3100 -
ns
propagation delay time
Low Power Mode
negative input = VBAT_
PMU/2
V_overdrive = max [2]
-
900
3000
ns
V_overdrive = 10 mV
-
6000 -
ns
V_overdrive = 50 mV
-
6000 -
ns
propagation delay time
Low Power Mode
negative input =
VBAT_PMU - 0.1 V
V_overdrive = max [2]
-
4400 -
ns
V_overdrive = 10 mV
-
2400 -
ns
V_overdrive = 50 mV
-
2300 -
ns
propagation delay time
Low Power Mode
negative input = 0.1 V
V_overdrive = max
-
50
2000
ns
V_overdrive = 10 mV
-
800
2000
ns
V_overdrive = 50 mV
-
520
-
ns
propagation delay time
High Speed Mode
negative input = VBAT_
PMU/2
V_overdrive = max [2]
-
210
300
ns
V_overdrive = 10 mV
-
1600 -
ns
V_overdrive = 50 mV
-
1150 -
ns
propagation delay time
High Speed Mode
negative input =
VBAT_PMU - 0.1 V
V_overdrive = max [2]
-
790
-
ns
V_overdrive = 10 mV
-
1400 -
ns
V_overdrive = 50 mV
-
405
-
ns
tdelay
propagation delay time
High Speed Mode
negative input = 0.1 V
V_overdrive = max [2]
-
40
100
ns
Vhys [3]
hysteresis voltage
(VHYST_P - VHSYT_N)
Common Mode Input Voltages in [200
mV: Vbat - 200mV] range (See Vin_N
in Figure 25)
-
100
200
mV
Table 44. Comparator characteristics
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
98 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com