Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 85 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors LPC55S2X Datasheet HTML 85Page - NXP Semiconductors LPC55S2X Datasheet HTML 86Page - NXP Semiconductors LPC55S2X Datasheet HTML 87Page - NXP Semiconductors LPC55S2X Datasheet HTML 88Page - NXP Semiconductors LPC55S2X Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
11.6 FRO (1 MHz)
Tamb = -40 °C to +105 °C; 1.8 V ≤ VBAT_DCDC ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency
-
0.85
1
1.15
MHz
Table 30. Dynamic characteristic: FRO
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25 °C), nominal supply voltages.
11.7 FRO (32 KHz)
Tamb = -40 °C to +105 °C; 1.8 V ≤ VBAT_DCDC ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency
-
32.11
32.768
33.42
KHz
Table 31. Dynamic characteristic: FRO
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25 °C), nominal supply voltages.
11.8 RTC oscillator
See Section 13.4 for connecting the RTC oscillator to an external clock source.
Tamb = -40 °C to +105 °C; 1.8 ≤ VBAT_DCDC ≤ 3.6[1]
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fi
input frequency
-
-
32.768
kHz
Table 32. Dynamic characteristic: RTC oscillator
[1]
Parameters are valid over operating temperature range unless otherwise specified.
11.9 I2C-bus
Tamb = -40 °C to +105 °C; 1.8 V ≤ VBAT_DCDC ≤ 3.6 V.[2]
Symbol Parameter
Conditions
Min
Max
Unit
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
fSCL
SCL clock frequency
Fast-mode Plus
0
1
MHz
of both SDA and SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1 × Cb
300
ns
tf
fall time
[3][4][5][6]
Fast-mode Plus
-
120
ns
Standard-mode
4.7
-
μs
Fast-mode
1.3
-
μs
tLOW
LOW period of the SCL clock
Fast-mode Plus
0.5
-
μs
Standard-mode
4.0
-
μs
tHIGH
HIGH period of the SCL clock
Fast-mode
0.6
-
μs
Table 33. Dynamic characteristic: I2C-bus pins[1]
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
85 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com