Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 41Page - NXP Semiconductors LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
[9]
If the USB1_3V3 pin is not using the same supply as the VBAT_PMU pin, the application should ensure the supply on USB1_3V3 does not drop below 2.8
V. If the USB1_3V3 pin is using separate supply and this voltage unexpectedly drops below 2.8 V, the USB PHY can go into unknown state causing USB
transactions (R/W) to hang. In this case, the application can detect this event with a time-out and would have to recover by performing a USB reset.
[10] Main battery supply: Star connection at application level (PCB)..
[11] Optional bypass mode is supported, xtal32K_P can be driven by an external clock with restrictions in terms of drive level See: Section 1313 "Application
information".
[12] Optional bypass mode is supported, xtal32M_P can be driven by an external clock with restrictions in terms of drive level. See: Section 1313 "Application
information".
6.1.1 Termination of unused pins
Table 4 shows how to terminate pins that are
not used in the application. In many cases, unused pins should be
connected externally or configured correctly by software to minimize the overall power consumption of the part.
Unused pins with GPIO function should be configured as outputs set to LOW with their internal pull-up disabled.
To configure a GPIO pin as output and drive it LOW, select the GPIO function in the IOCON register, select
output in the GPIO DIR register, and write a 0 to the GPIO PORT register for that pin. Disable the pull-up in the
pin’s IOCON register.
In addition, it is recommended to configure all GPIO pins that are not bonded out on smaller packages as
outputs driven LOW with their internal pull-up disabled.
Pin
Default
state[1]
Recommended termination of unused pins
RESET
I; PU
The RESET pin can be left unconnected if the application does not use it.
all PIOn_m (not open-drain) I; PU
Can be left unconnected if driven LOW and configured as GPIO output with pull-up
or pull-down disabled by software.
PIOn_m (I2C open-drain)
IA
Can be left unconnected if driven LOW and configured as GPIO output by
software.
XTAL32K_P
-
Connect to ground. When grounded, the RTC oscillator is disabled.
XTAL32K_N
-
Can be left unconnected.
XTAL32M_P
-
Connect to ground. When grounded, the System oscillator is disabled.
XTAL32M_N
-
Can be left unconnected.
VREFP
-
Tie to VBAT_DCDC.
VREFN
-
Tie to VSS.
VDDA
-
Tie to VBAT_DCDC.
VSSA
-
Tie to VSS.
USBn_DP
F
Can be left unconnected.
USBn_DM
F
Can be left unconnected.
USBn_3V3
F
Tie to VBAT_DCDC. If not using USB and using 1.8 V supply, USBn_3V3 can be
connected to 1.8 V. When not using USB, pin can be connected to ground as well.
USB1_VBUS
F
Can be left unconnected.
USBn_VSS
F
Tie to VSS.
Table 4. Termination of unused pins
[1]
I = Input, IA = Inactive (no pull-up/pull-down enabled), PU = Pull-Up enabled
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
45 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com