Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors LPC55S2X Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
7.27.2 Comparator
The analog comparator can compare voltage levels on external pins and internal voltages. The comparator has
five inputs multiplexed separately to its positive and negative inputs.
7.27.2.1 Features
• Selectable external inputs can be used as either the positive or negative input of the comparator.
• Voltage ladder source selectable between the supply, multiplexing between internal VBAT_PMU and
ACMPVREF.
• 32-stage voltage ladder can be used as either the positive or negative input of the comparator.
• Supports standard and low power modes
• Interrupt capability.
+
-
CMP0
Interrupt
logic
ACMPVREF
5
0
5
0
31
0
VREF
Internal
reference
PMUX
NMUX
HYST
VDDA
VREFINPUT
1
0
LOWPOWER
Filtering
FILTERGF_SAMPLEMODE
FILTERGF_CLKDIV
INT_ENABLE
INT_CLEAR
INT_CTRL
STATUS
INT_STATUS
VAL
ACMP0_A
ACMP0_B
ACMP0_C
ACMP0_D
ACMP0_E
Interrupt
to NVIC
INT_SOURCE
output to CTIMERs,
SCTimer/PWM, ADC,
DMA triggers
FILTER BYPASS
Figure 9. Comparator block diagram
7.27.3 Temperature sensor
The ADC has a dedicated input channel for an on-chip temperate sensor that is mapped on channel 26.
7.28 Security Features
The security system on LPC55S2x has a set of hardware blocks and ROM code to implement the security
features of the device. The hardware consists of an AES engine, a Secure Hash Algorithm (SHA) engine, a
Random Number Generator (RNG), a PRINCE engine for real-time flash encryption/decryption, and a key
storage block that keys from an SRAM based PUF (Physically Unclonable Function). All components of the
system can be accessed by the processor or the DMA engine to encrypt or decrypt data and for hashing. The
ROM is responsible for secure boot in addition to providing support for various security functions.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
67 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com