Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V; T = 25 °C
Peripheral
IDD (uA)
HS USB1 Device
1.0
1.3
RNG
17
2.8
INPUTMUX
[2]
0.4
0.5
IOCON
[2]
0.6
0.6
GPIO0
[2]
0.3
0.4
GPIO1
[2]
0.3
0.4
PINT
0.5
0.5
GINT
0.3
0.3
DMA0
1.7
1.7
DMA1
1.2
1.2
CRC
0.4
0.4
WWDT
0.2
0.2
RTC
0.2
0.2
MAILBOX
0.2
0.2
MRT
0.3
0.3
SCTimer/PWM
1.3
1.4
UTICK
0.2
0.2
OS Timer
0.2
0.2
Flexcomm Interface 0
0.8
0.8
Flexcomm Interface 1
0.8
0.8
Flexcomm Interface 2
0.8
0.8
Flexcomm Interface 3
0.8
0.8
Flexcomm Interface 4
0.8
0.8
Flexcomm Interface 5
0.8
0.8
Flexcomm Interface 6
0.8
0.8
Flexcomm Interface 7
0.8
0.8
Timer0
0.3
0.3
Timer1
0.3
0.3
Timer2
0.3
0.3
Timer3
0.3
0.3
Timer4
0.3
0.3
SDIO
2.3
2.3
USB0 HOST
1.2
1.2
USB1 HOST
0.8
0.8
PLU
0.8
0.8
Table 22. Typical peripheral power consumption...continued
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
80 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com