Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 38Page - NXP Semiconductors LPC55S2X Datasheet HTML 39Page - NXP Semiconductors LPC55S2X Datasheet HTML 40Page - NXP Semiconductors LPC55S2X Datasheet HTML 41Page - NXP Semiconductors LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
8
R
Reserved.
I/O 0
PIO1_29
General-purpose digital input/output pin.
I/O 1
FC7_RXD_SDA_MOSI_DATA
Flexcomm 7: USART receiver, I2C data I/O,
SPI master-out/slave-in data, I2S data I/O.
I/O 2
SD0_D[6]
SD/MMC 0 data 6.
I
3
SCT0_GPI6
Pin input 6 to SCTimer/PWM.
O
4
USB1_PORTPWRN
USB1 VBUS drive indicator (Indicates VBUS
must be driven).
O
5
USB1_FRAME
USB1 frame toggle signal.
6
R
Reserved.
PIO1_29
A8
-
G8
80
[3][6] Z
I
7
PLU_INPUT2
PLU input 2.
I/O 0
PIO1_30
General-purpose digital input/output pin.
This pin can trigger a wake-up from deep
power-down mode. WAKEUP pin can be
configured as rising or falling edge.
I/O 1
FC7_TXD_SCL_MISO_WS
Flexcomm 7: USART transmitter, I2C clock,
SPI master-in/slave-out data I/O, I2S word-
select/frame.
I/O 2
SD0_D[7]
SD/MMC 0 data 7.
I
3
SCT0_GPI7
Pin input 7 to SCTimer/PWM.
I
4
USB1_OVERCURRENTN
USB1 bus overcurrent indicator (active low).
O
5
USB1_LEDN
USB1-configured LED indicator (active low).
6
R
Reserved.
PIO1_30/
WAKEUP
E7
-
F9
65
[3][6] Z
I
7
PLU_INPUT1
PLU input 1.
PIO1_31
-
-
H6
91
[3]
Z
I/O 0
PIO1_31
Table 3. Pin description...continued
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
42 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com