Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 61Page - NXP Semiconductors LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
7.25.7.1 Features
• Ultra simple timer.
• Write once to start.
• Interrupt or software polling.
• Four capture registers that can be triggered by external pin transitions.
7.26 Digital peripherals
7.26.1 DMA controller
The DMA controller allows peripheral-to memory, memory-to-peripheral, and memory-to-memory transactions.
Each DMA stream provides unidirectional DMA transfers for a single source and destination.
Two identical DMA controllers are provided on the LPC55S2x/LPC552x.
7.26.1.1 Features
• DMA0: 22 channels, 21 of which are connected to peripheral DMA requests. These come from the Flexcomm
(USART, SPI, I2C, and I2S), high-speed SPI interface, ADC, AES, and SHA interfaces. 22 trigger sources are
available.
• DMA1: 10 channels, 9 of which are connected to peripheral DMA requests. These come from the Flexcomm
Interfaces (0, 1, and 3), high-speed SPI interface, AES, and SHA interfaces. 15 trigger sources are available.
• DMA operations can be triggered by on-chip or off-chip events.
• Priority is user selectable for each channel (up to eight priority levels).
• Continuous priority arbitration.
• Address cache with four entries.
• Efficient use of data bus.
• Supports single transfers up to 1,024 words.
• Address increment options allow packing and/or unpacking data.
7.26.2 Programmable Logic Unit (PLU)
The PLU is comprised of 26 5-input LUT elements. Each LUT element contains a 32-bit truth table (look-
up table) register and a 32:1 multiplexer. During operation, the five LUT inputs control the select lines of the
multiplexer. This structure allows any desired logical combination of the five LUT inputs.
7.26.2.1 Features
• The Programmable Logic Unit is used to create small combinatorial and/or sequential logic networks including
simple state machines.
• The PLU is comprised of an array of 26 inter-connectable, 5-input Look-up Table (LUT) elements, and four
flip-flops.
• Eight primary outputs can be selected using a multiplexer from among all of the LUT outputs and the four flip-
flops.
• An external clock to drive the four flip-flops must be applied to the PLU_CLKIN pin if a sequential network is
implemented.
• Programmable logic can be used to drive on-chip inputs/triggers through external pin-to-pin connections.
• A tool suite is provided to facilitate programming of the PLU to implement the logic network described in a
Verilog RTL design.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
65 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com