Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 94 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 90Page - NXP Semiconductors LPC55S2X Datasheet HTML 91Page - NXP Semiconductors LPC55S2X Datasheet HTML 92Page - NXP Semiconductors LPC55S2X Datasheet HTML 93Page - NXP Semiconductors LPC55S2X Datasheet HTML 94Page - NXP Semiconductors LPC55S2X Datasheet HTML 95Page - NXP Semiconductors LPC55S2X Datasheet HTML 96Page - NXP Semiconductors LPC55S2X Datasheet HTML 97Page - NXP Semiconductors LPC55S2X Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
002aag204
SD_CLK
SD_DATn (O)
SD_DATn (I)
td(QV)
th(D)
tsu(D)
Tcy(clk)
th(Q)
SD_CMD (O)
SD_CMD (I)
Figure 23. SD/MMC and SDIO timing
Definitions:
• Delay_O=cclk_in to cclk_out delay (including PAD).
• Delay_I=Input PAD delay + routing delay to input register.
Parameters
Minimum
Maximum
Delay_O
-
8nS
Delay_I
-
6nS
Table 39. Minimum and Maximum values of parameters
12 Analog characteristics
12.1 BODVBAT
Brown-out detector to monitor the voltage of VBAT. If the voltage falls below one of the selected voltages, the
BOD asserts an interrupt to the NVIC or issues a reset. Single low threshold detection level (programmable
trip low level) is used for either BOD interrupt or BOD reset. Hysteresis control on the BOD is programmable.
Please refer to UM11126 for further details.
Tamb = 25 °C; based on characterization; not tested in production. Please refer to UM11126 for further details.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
(TRIGLVL)
-
1.75
-
V
-
1.80
-
V
-
1.90
-
V
-
2.00
-
V
-
2.10
-
V
-
2.20
-
V
-
2.30
-
V
-
2.40
-
V
-
2.50
-
V
Table 40. BOD static characteristics
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
94 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com