Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors LPC55S2X Datasheet HTML 51Page - NXP Semiconductors LPC55S2X Datasheet HTML 52Page - NXP Semiconductors LPC55S2X Datasheet HTML 53Page - NXP Semiconductors LPC55S2X Datasheet HTML 54Page - NXP Semiconductors LPC55S2X Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
AHB
port
Non-secure
base address
Secure
base address
Peripheral
0x4009 6000
0x5009 6000
Flexcomm Interface 5.
0x4009 7000
0x5009 7000
Flexcomm Interface 6.
0x4009 8000
0x5009 8000
Flexcomm Interface 7.
0x4009 B000
0x5009 B000
SDIO registers.
0x4009 C000
0x5009 C000
Debug Mailbox (DM-AP).
0x4009 F000
0x5009 F000
High Speed SPI.
0x400A 0000
0x500A 0000
ADC0.
0x400A 2000
0x500A 2000
FS USB Host registers.
0x400A 3000
0x500A 3000
HS USB Host registers.
0x400A 4000
0x500A 4000
Hash-AES registers.
0x400A 5000
0x500A 5000
Casper
0x400A 6000
0x500A 6000
Reserved
0x400A 7000
0x500A 7000
DMA1 registers.
0x400A 8000
0x500A 8000
Secure HS GPIO.
10
0x400A C000
0x500A C000
Security Control registers.
11
0x4010 0000
0x5010 0000
USB SRAM.
Table 7. AHB peripheral memory map...continued
7.18 RAM configuration
Table 8 describes the RAM configuration for the LPC55S2x/LPC552x.
RAM Total
RAM-X (KB) RAM0 (KB)
RAM1 (KB) RAM2 (KB) RAM3 (KB) RAM4 (KB) USB-RAM (KB)
256 KB
devices
32
64
64
64
-
16
16
144 KB
devices
32
64
32
-
-
-
16
Table 8. RAM Configuration
7.19 System control
7.19.1 Clock sources
The LPC55S2x/LPC552x supports 2 external and 3 internal clock sources:
• Internal Free Running Oscillator (FRO). This oscillator provides a selectable 96 MHz output, and a 12 MHz
output (divided down from the selected higher frequency) that can be used as a system clock. The FRO is
trimmed to +/- 2% accuracy over the entire voltage and -40 C to 105 C. For devices with date code 2041
(yyww)and onwards, the FRO is trimmed to +/- 1% accuracy over the entire voltage and 0 C to 85 C. The
FRO 12 MHz oscillator provides the default clock at reset and provides a clean system clock shortly after the
supply pins reach operating voltage.
• 32 kHz Internal Free Running Oscillator FRO. The FRO is trimmed to +/- 2% accuracy over the entire voltage
and temperature range.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
51 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com