Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors LPC55S2X Datasheet HTML 71Page - NXP Semiconductors LPC55S2X Datasheet HTML 72Page - NXP Semiconductors LPC55S2X Datasheet HTML 73Page - NXP Semiconductors LPC55S2X Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
The SWD pins are multiplexed with other digital I/O pins. On reset, the pins assume the SWD functions by
default.
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Main IO supply
[2] -0.3
3.96
V
VBAT_DCDC Supply of DCDC output
stage. DCDC core
supply (references and
regulation stages)
[2] -0.3
3.96
V
VBAT_PMU
Analog supply
[2] -0.3
3.96
V
VDD_PMU
Analog supply for Core.
DCDC output
[2] -0.3
1.26
V
USB0_3V3
USB0 analog 3.3 V
supply.
[2] -0.3
3.96
V
USB1_3V3
USB1 analog 3.3 V
supply.
[2] -0.3
3.96
V
VDDA
Analog supply voltage
for ADC
[2] -0.3
3.96
V
Vrefp
ADC positive reference
voltage
[2] -0.3
3.96
V
VI
input voltage
only valid when the VDD ≥ 1.8 V
-0.5
VDD + 0.5
V
on I2C open-drain pins
[3]
-0.5
VDD + 0.5
V
VI
input voltage
USB_DM,
USB_DP pins
-0.3
USB_3V3 + 0.5 V
VIA
analog input voltage
on digital pins configured for an analog
function
[4] [5] -0.3
3.96
V
IDD
total supply current
per supply pin (HLQFP100, VFBGA98)
-
256
mA
ISS
total ground current
per ground pin (HLQFP100, VFBGA98)
-
256
mA
Ilatch
I/O latch-up current
-(0.5VDD) < VI < (1.5VDD);
Tj < 125 °C
-
100
mA
Tstg
storage temperature
-65
+150
°C
VESD
electrostatic discharge
voltage
human body model; all pins
[6]
2000
V
VESD
electrostatic discharge
voltage
charge device model; all pins
[6]
500
V
Table 10. Limiting values
[1]
The following applies to the limiting values:
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static charge.
Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise noted.
The limiting values are stress ratings only and operating the part at these values is not recommended and proper operation is not guaranteed. The
conditions for functional operation are specified in Table 23.
[2]
Maximum/minimum voltage above the maximum operating voltage (see Table 23) and below ground that can be applied for a short time (< 10 ms) to a
device without leading to irrecoverable failure. Failure includes the loss of reliability and shorter lifetime of the device.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
70 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com