Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 79 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 75Page - NXP Semiconductors LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
-40
-10
20
50
80
110
0
3
6
9
12
15
temperature (°C)
current
current
(μA)
(μA)
RTC input grounded. 4KB SRAM powered.
Figure 12. Deep power-down mode: Typical supply current IDD versus temperature for different supply voltages
VBAT_DCDC
10.3.1 Peripheral Power Consumption
Table 22 shows the typical peripheral power consumption measured on a typical sample at Tamb = 25 °C and
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V. The supply current per peripheral is measured as the difference in
supply current between the peripheral block enabled and the peripheral block disabled using AHB clock control
and PDRUNCFG registers. All other blocks are disabled and no code accessing the peripheral is executed.
The supply currents are shown for system clock frequencies of 12 MHz, and 96 MHz.
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V; T = 25 °C
Peripheral
IDD (uA)
FRO (12 MHz)
41
-
FRO (1 MHz)
3.5
-
FRO (32 KHz)
0.3
-
System OSC
35
-
32.768 KHz OSC
3.7
-
Flash
79
-
BODVBAT
0.3
-
SRAM 0 (64 KB)
[1]
9.5
-
SRAM 1 (64 KB)
[1]
11.5
-
SRAM 2 (64 KB)
[1]
11.5
-
SRAM 4 (16 KB)
[1]
16
-
Comparator
59
-
Peripheral
IDD in uA/MHz
IDD in uA/MHz
CPU: 12 MHz
CPU: 96MHz
FS USB0 Device
0.8
0.8
Table 22. Typical peripheral power consumption
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
79 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com