Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors LPC55S2X Datasheet HTML 85Page - NXP Semiconductors LPC55S2X Datasheet HTML 86Page - NXP Semiconductors LPC55S2X Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
11.2 Flash memory
Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [2]
Max
Unit
Page erase/program, Tamb = -40
°C to +85 °C
[3] 100000 -
-
cycles
Mass erase/program, Tamb = -40
°C to +85 °C
100000
-
-
cycles
Page erase/program Tamb = -40
°C to +105 °C,
10000
-
-
cycles
Nendu
endurance
Mass erase/program Tamb = -40
°C to +105 °C,
10000
-
-
cycles
< 1k erase/program cycles
25
100
-
years
tret
retention time
≥ 1k erase/program cycles
15
50
-
years
ter
erase time
1 page or multiple pages
-
2.0
-
ms
tprog
programming time
-
1.09
-
ms
Nupdates
number of page
updates
1 page or multiple pages
-
-
50
million
Table 25. Flash characteristics[1]
[1]
Flash operations (erase, blank check, program) and reading single word can only be performed for CPU frequencies of up to 100 MHz. Cannot be
performed for frequencies above 100 MHz.
[2]
Temperature = 25 C.
[3]
Number of erase/program cycles.
11.3 I/O pins
Tamb = -40 °C to +105 °C; 1.8 V ≤ VDD ≤ 3.6 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Standard I/O pins - normal drive strength
tr
rise time
pin configured as output; SLEW = 1
[2][3]
2.0
-
4.0
ns
tf
fall time
pin configured as output; SLEW = 1
[2][3]
2.0
-
4.0
ns
tr
rise time
pin configured as output; SLEW = 0
[2][3]
1.2
-
11.0
ns
tf
fall time
pin configured as output; SLEW = 0
[2][3]
3.9
-
9.0
ns
I2C I/O pins - normal drive strength
tr
rise time
pin configured as output; SLEW = 1
[2][3]
3.0
-
11.0
ns
tf
fall time
pin configured as output; SLEW = 1
[2][3]
3.0
-
7.0
ns
tr
rise time
pin configured as output; SLEW = 0
[2][3]
21.5
-
39.0
ns
tf
fall time
pin configured as output; SLEW = 0
[2][3]
29.8
-
36.0
ns
Table 26. Dynamic characteristic: I/O pins[1]
[1]
Based on characterized, not tested in production.
[2]
Rise and fall times measured between 90% and 10% of the full input signal level.
[3]
The slew rate is configured in the IOCON block the SLEW bit. See the UM11126 user manual.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
83 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com