Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 12Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 17Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
14
NXP Semiconductors
Modules List
DCDC
DCDC Converter
Analog
The DCDC module is used for generating power supply
for core logic. Main features are:
• Adjustable high efficiency regulator
• Supports 3.3 V input voltage
• Supports nominal run and low power standby modes
• Supports at 0.9 ~ 1.3 V output in run mode
• Supports at 0.9 ~ 1.0 V output in standby mode
• Over current and over voltage detection
eDMA
enhanced Direct Memory
Access
System Control
Peripherals
There is an enhanced DMA (eDMA) engine and two
DMA_MUX.
• The eDMA is a 32 channel DMA engine, which is
capable of performing complex data transfers with
minimal intervention from a host processor.
• The DMA_MUX is capable of multiplexing up to 128
DMA request sources to the 32 DMA channels of
eDMA.
ENC
Quadrature
Encoder/Decoder
Timer Peripherals The enhanced quadrature encoder/decoder module
provides interfacing capability to position/speed
sensors. There are five input signals: PHASEA,
PHASEB, INDEX, TRIGGER, and HOME. This module
is used to decode shaft position, revolution count, and
speed.
ENET
Ethernet Controller
Connectivity
Peripherals
The Ethernet Media Access Controller (MAC) is
designed to support 10/100 Mbit/s Ethernet/IEEE 802.3
networks. An external transceiver interface and
transceiver function are required to complete the
interface to the media. The module has dedicated
hardware to support the IEEE 1588 standard. See the
ENET chapter of the reference manual for details.
EWM
External Watchdog
Monitor
Timer Peripherals The EWM modules is designed to monitor external
circuits, as well as the software flow. This provides a
back-up mechanism to the internal WDOG that can
reset the system. The EWM differs from the internal
WDOG in that it does not reset the system. The EWM,
if allowed to time-out, provides an independent trigger
pin that when asserted resets or places an external
circuit into a safe mode.
FLEXCAN1
FLEXCAN2
Flexible Controller Area
Network
Connectivity
Peripherals
The CAN protocol was primarily, but not only, designed
to be used as a vehicle serial data bus, meeting the
specific requirements of this field: real-time processing,
reliable operation in the Electromagnetic interference
(EMI) environment of a vehicle, cost-effectiveness and
required bandwidth. The FlexCAN module is a full
implementation of the CAN protocol specification,
Version 2.0 B, which supports both standard and
extended message frames.
Table 2. i.MX RT1060 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com