Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 53Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 54Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 55Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
52
NXP Semiconductors
Electrical Characteristics
Figure 19. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X0, 0X1
NOTE
Timing shown is based on the memory generating read data on the SCK
falling edge, and FlexSPI controller sampling read data on the falling edge.
4.5.2.1.2
SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x3
There are two cases when the memory provides both read data and the read strobe in SDR mode:
•
A1—Memory generates both read data and read strobe on SCK rising edge (or falling
edge)
•
A2—Memory generates read data on SCK falling edge and generates read strobe on
SCK rising edgeSCK rising edge
Figure 20. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X3 (case A1)
Table 39. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case A1)
Symbol
Parameter
Value
Unit
Min
Max
Frequency of operation
—
166
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-2
2
ns
internal Sample Clock
SIO[0:7]
SCK
0
1
2
3
4
5
6
7
8
9
10
11
12
Flexspi input timing in SDR mode
13
14
15
16
17
18
19
20
21
22
23
24
DATA0
DATA1
ae
d
b
c
DATA2
hold time
setup time
clock delay
TSCKDQS
SCK
SIO[0:7]
DQS
TSCKD
TSCKDQS
TSCKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com