Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
8
NXP Semiconductors
i.MX RT1060 Introduction
MIMXRT106ADVL6A
MIMXRT106ADVL6B
• 600 MHz, commercial
grade for general purpose,
with MPU/FPU
• Turnkey solution with NXP
VoiceSeeker AFE and
VoiceSpot Wake Word for
Alexa for IoT
• eDMA
• Boot ROM (128 KB)
• On-chip RAM (1 MB)
• SEMC
• GPT x2
• 4-channel PIT
• Qtimer x4
• PWM x4
• ENC x4
• WDOG x4
• LCD/CSI/PXP
• SPDIF x1
• SAI x3
• MQS x1
• USB OTG x2
• eMMC 4.5/SD 3.0 x2
• Ethernet x2
• UART x8
• I2C x4
• FlexSPI x2
• CAN x2
• FlexCAN (with Flexible
Data-Rate supported)
• FlexIO x3
• 127 GPIOs (124 tightly
coupled)
• HAB/DCP/BEE
• TRNG
• SNVS
• SJC
• ADC x2
• ACMP x4
• TSC
• DCDC
• Temperature sensor
• GPC hardware power
management controller
10 x 10 mm, 0.65 mm
pitch, 196-pin MAPBGA
0 to +95
MIMXRT106FDVL6A
MIMXRT106FDVL6B
• 600 MHz, commercial
grade for general purpose,
with MPU/FPU
• Turnkey solution for face
and emotion recognition,
see www.
nxp.com/mcu-vision2
• eDMA
• Boot ROM (128 KB)
• On-chip RAM (1 MB)
• SEMC
• GPT x2
• 4-channel PIT
• Qtimer x4
• PWM x4
• ENC x4
• WDOG x4
• LCD/CSI/PXP
• SPDIF x1
• SAI x3
• MQS x1
• USB OTG x2
• eMMC 4.5/SD 3.0 x2
• Ethernet x2
• UART x8
• I2C x4
• FlexSPI x2
• CAN x2
• FlexCAN (with Flexible
Data-Rate supported)
• FlexIO x3
• 127 GPIOs (124 tightly
coupled)
• HAB/DCP/BEE
• TRNG
• SNVS
• SJC
• ADC x2
• ACMP x4
• TSC
• DCDC
• Temperature sensor
• GPC hardware power
management controller
10 x 10 mm, 0.65 mm
pitch, 196-pin MAPBGA
0 to +95
Table 1. Ordering information
Part Number
Features
Package
Junction
Temperature
Tj (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com